Part Number Hot Search : 
KK4006BN J0000F HT45F56 251G2 MVCO940 74ALVC16 EG200 TFA108S
Product Description
Full Text Search
 

To Download 9301R5KL25XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 2-129 model 9300 series model 9300 series 1-13/16?diameter 3-turn wirewound precision potentiometer electrical resistance range, ohms 30 to 190k standard resistance tolerance ?% minimum practical resistance tolerance ?% independent linearity ?.25% minimum practical independent linearity ?.2%, < 150 ohms ?.1%, 150-1,500 ohms ?.05%, 1,501-9,999 ohms ?.04%, 10k ohms power rating, watts 3.0 at 70? derating to 0 at 125? dielectric strength 1,000v rms insulation resistance, minimum 1,000 megohms noise, maximum 100 ohms actual electrical travel 1,080 + 3 ?0? 100 ohms 1,080 + 2 ?0? 101-700 ohms 1,080 + 1 ?0? >700 ohms electrical continuity over travel +90 ? at each end tap tolerance ?? 100 ohms ?? 101-700 ohms ?.5? >700 ohms end voltage, maximum within std. linearity tolerance model styles 9301 1/4?shaft, 3/8?bushing 9303 1/4?shaft, servo specifications subject to change without notice.
2-130 model 9300 series operating temperature range static: ?5? to +125? dynamic: -40? to +125? temperature cycling 5 cycles, ?5? to +125? (5% ? r) shock, 6ms sawtooth 50g? (0.1ms discontinuity max.) vibration 5g?, 10 to 2,000 hz (5% ? r, 0.1ms discontinuity max.) moisture resistance ten 24 hour cycles (3% ? r) high temperature exposure 1,000 hours at 125? (5% ? r) rotational load life 2 mil. shaft rev. plus 900 hrs. at rated wattage at 70? (5% ? r) mechanical total mechanical travel 1260 5 number of cups, maximum 3 weight, nominal (per gang) 3.4 oz. static stop strength 600 oz.-in. backlash, maximum essentially zero shaft end play, maximum .005" shaft runout, t.i.r., maximum .0005" pilot diameter runout, t.i.r., maximum .001" lateral runout, t.i.r., maximum .0015" starting torque, maximum 1.3 oz.-in. running torque, maximum 0.9 oz.-in. panel nut tightening torque, maximum 9301 9303 25 lb.-in. n/a shaft radial play, maximum 0.002" 0.001" standard resistance values, ohms theoretical total resolution tempco resistance (% nominal) of wire 1k 0.039 ?0 ppm/? 5k 0.032 ?0 ppm/? 10k 0.027 ?0 ppm/? 20k 0.021 ?0 ppm/? 50k 0.017 ?0 ppm/? environmental (mil-r-12934)
2 2-131 model 9300 series outline dimensions (inch/mm) 1.203 30.56 .562?016 14.30.41 locating hole .129 .005/3.277 0.127 dia. x .094.016/2.388 0.406 positioned as shown r. max. + slider cw cww 60 ? max. 1.844.031 46.84 0.79 1.344.031 34.14 0.79 .812 .031 20.6 0.79 .312 .016 7.93 0.41 1.812 .016 46.03 0.41 dia. .405 .001 10.3 0.03 dia. + .0000 ?.0003 + 0.0000 ?0.0076 .2497 6.3424 dia. + .000 ?.010 + 0.00 ?0.25 .062 1.58 chamfer .016/0.41 max. x 45 ? mounting surface 3 / 8 -32 unef thread outline dimensions (inch/mm) slider cw cww 1.750 .031 44.45 0.79 1.250 .031 31.75 0.79 .625 .031 15.9 0.79 .093 .005 2.36 0.13 .062 .005 1.58 0.13 1.812 .016 46.03 0.41 dia. + .0000 .0003 + 0.0000 0.0076 .2497 6.3424 dia. 1.203 30.56 r. max. 60 ? max. + .000 .001 + 0.00 0.03 1.875 47.63 dia. + .005 .010 + 0.13 0.25 2.000 50.80 dia. chamfer .016/0.41 max. x 45 ? mounting surface metric conversions 1 in. 25.4 mm 1 oz. 28.4 gm 1 oz.-in. 0,007 n-m 1 lb.-in. 0,113 n-m model 9301 bushing mount model 9303 servo mount
2-132 model 9300 series 9301: 2606, 2607, 2626, 2627, 2646, 2647, rb matching turns counting dials ordering information 9301 r 10k l.25 xx model series resistance prefix resistance value optional special feature code linearity (ccw) (s) (cw) metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original english units and are provided for general information only. tolerances unless otherwise specified: linear = .01 inches (.25mm) angular = 2 degrees notes mm inch circuit diagram special features center tap ct linearity tape lt rear shaft extension rs flatted shaft fs slotted shaft ss shaft lock (9301 only) sl


▲Up To Search▲   

 
Price & Availability of 9301R5KL25XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X